Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

437061901 Datasheet (PDF) - Ulti-Mate Connector Inc

Part # 437061901
Description  Micro Strip Wired 6 Pin One guide post (post on socket side) 24 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL
File Size   39.87 Kbytes
Html View  1 
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

437061901 Datasheet (PDF) - Ulti-Mate Connector Inc

Click to view in HTML datasheet.


Similar Part No. - 437061901

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
437061900 ULTI-MATE-437061900 Datasheet
70Kb / 1P
   MICRO-D STRIP CONNECTOR, SIZE 6, WITH GUIDE PIN HOLE, HI-TEMP SR06P1-L05-HT
11-5-13
437061902 ULTI-MATE-437061902 Datasheet
158Kb / 1P
   MICRO STRIP CIRCULAR CONNECTOR, "SR" SERIES, SR06P1-26E5-20.0-HT, HIGH-TEMP, SPECIAL
7/1/15
More results


Similar Description - 437061901

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-837022261 ULTI-MATE-SD-837022261 Datasheet
39Kb / 1P
   Micro Strip Wired 2 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-7-16
SD-837071131 ULTI-MATE-SD-837071131 Datasheet
54Kb / 1P
   Micro Strip Wired 7 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 6 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7/9/13
SD-837072131 ULTI-MATE-SD-837072131 Datasheet
56Kb / 1P
   Micro Strip Wired 7 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 6 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7/9/13
SD-837081911 ULTI-MATE-SD-837081911 Datasheet
43Kb / 1P
   Micro Strip Wired 8 Pin One guide post (post on socket side) 28 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 40.0 Inches Wire Length Plastic Shell 125 Max Temp No QPL
3-23-12
SD-837052041 ULTI-MATE-SD-837052041 Datasheet
39Kb / 1P
   Micro Strip Wired 5 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12MAY98
SD-837071041 ULTI-MATE-SD-837071041 Datasheet
42Kb / 1P
   Micro Strip Wired 7 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
2-26-13
SD-837101041 ULTI-MATE-SD-837101041 Datasheet
55Kb / 1P
   Micro Strip Wired 10 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-2-12
SD-837031041 ULTI-MATE-SD-837031041 Datasheet
23Kb / 1P
   Micro Strip Wired 3 Pin One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-1-04
SD-837032041 ULTI-MATE-SD-837032041 Datasheet
40Kb / 1P
   Micro Strip Wired 3 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-1-01
SD-837022041 ULTI-MATE-SD-837022041 Datasheet
37Kb / 1P
   Micro Strip Wired 2 Socket One guide post (post on socket side) 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12-14-12
More results

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com