Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6673BZ-F085 Datasheet (PDF) - ON Semiconductor

Part # FDS6673BZ-F085
Description  P-Channel PowerTrench짰 MOSFET -30V, -14.5A, 7.8m廓
File Size   510.81 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDS6673BZ-F085 Datasheet (PDF) - ON Semiconductor

Click to view in HTML datasheet.


Similar Part No. - FDS6673BZ-F085

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS6673BZ-NL VBSEMI-FDS6673BZ-NL Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS6673BZ-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6673BZ FAIRCHILD-FDS6673BZ Datasheet
376Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -14.5A, 7.8m Ohm
FDS4435BZ FAIRCHILD-FDS4435BZ_07 Datasheet
288Kb / 6P
   P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
FDS8858CZ FAIRCHILD-FDS8858CZ Datasheet
311Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
logo
ON Semiconductor
FDS8858CZ ONSEMI-FDS8858CZ Datasheet
543Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFETN-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
October-2017,Rev.3
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
More results

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com